PART |
Description |
Maker |
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADA4898-1 ADA4898-1YRDZ ADA4898-1YRDZ-R7 ADA4898-1 |
High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
|
Analog Devices
|
CAT24FC16RITE13REV-F CAT24FC16JITE13REV-F CAT24FC1 |
CAT5E PATCH CORD 100MHZ 4 FOOT BEIGE Aluminum Electrolytic SMT General Purpose Capacitor; Capacitance: 33uF; Voltage: 25V; Case Size: 6.3x5 mm; Packaging: Tape & Reel LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: SOIC NARROW; No of Pins: 8 16-kb I2C Serial EEPROM 16-kb, High Speed, Low Voltage I2C Serial EEPROM
|
CATALYST[Catalyst Semiconductor]
|
IRS26072DSPBF |
The IRS26072D is a high voltage, high speed power MOSFET and IGBT driver with independent high and low side referenced output channels.
|
International Rectifier
|
2SC4942 2SC4942AA3 2SC4942AA1 2SC4942AA2 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 1A I(C) | TO-243VAR NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
|
NEC Corp. NEC[NEC]
|
AD381SH AD381SH_883B AD381 AD382 AD380SH_883B AD38 |
(AD380 / AD382) High Speed / Low Drift FET Operational Amplifier 8-Channel 14-Bit Single-Supply Voltage-Output DAC; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial High Speed, Low Drift FET Operational Amplifier OP-AMP, 1000 uV OFFSET-MAX, BCY12
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8684ARUZ-REEL AD8682-15 AD8682 |
Dual Low Power, High Speed JFET Operational Amplifier Dual/Quad Low Power, High Speed Quad Low Power, High Speed JFET Operational Amplifiers; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 4000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
P80C58UFPN P80C58UBBB P87C51RC4A P87C51RC4B P87C51 |
80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless. low voltage 2.7V-5.5V). low power. high speed (33 MHz) 80C51位单片机系列8K-64K/256-1K检察官办公光盘/无ROM。低电压2.7V.5V)。低功耗。高速(33兆赫 80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless. low voltage 2.7V-5.5V). low power. high speed (33 MHz) 80C51位单片机系列8K-64K/256-1K检察官办公光盘/无ROM。低电压.7V.5V)。低功耗。高速(33兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz (360.35 k) 80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
|
NXP Semiconductors N.V. Philips Semiconductors
|
1SS322 |
LOW VOLTAGE HIGH SPEED SWITCHING
|
Guangdong Kexin Industrial Co.,Ltd
|
1SS321 |
LOW VOLTAGE HIGH SPEED SWITCHING
|
Guangdong Kexin Industrial Co.,Ltd
|
1SS38307 |
Low Voltage High Speed Switching
|
Toshiba Semiconductor
|
1SS38407 |
Low Voltage High Speed Switching
|
Toshiba Semiconductor
|